Part Number Hot Search : 
PIC33FJ 050DZ01 DSP16 A222MP 15KP40C KA75420Z 02100 T1210
Product Description
Full Text Search
 

To Download IDT74FCT162543CTPAG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 idt74fct162543at/ct fast cmos 16-bit latched transceiver industrial temperature range june 2002 idt74fct162543at/ct industrial temperature range fast cmos 16-bit latched transceiver description: the fct162543t 16-bit latched transceivers are built using advanced dual metal cmos technology. these high-speed, low-power devices are organized as two independent 8-bit d-type latched transceivers with separate input and output control to permit independent control of data flow in either direction. for example, the a-to-b enable (x ceab ) must be low in order to enter data from the a port or to output data from the b port. x leab controls the latch function. when x leab is low, the latches are transparent. a subsequent low-to-high transition of x leab signal puts the a latches in the storage mode. x oeab performs output enable function on the b port. data flow from the b port to the a port is similar but requires using x ceba , x leba , and x oeba inputs. flow- through organization of signal pins simplifies layout. all inputs are designed with hysteresis for improved noise margin. the fct162543t has balanced output drive with current limiting resistors. this offers low ground bounce, minimal undershoot, and controlled output fall times?reducing the need for external series terminating resistors. the fct162543t is a plug-in replacement for the fct16543t and 54/74abt16543 for on-board bus interface applications. c d 1 b 1 1 leab 1 ceab 1 oeab 1 leba 1 ceba 1 oeba to seven other channels 1 a 1 2 b 1 2 leab 2 ceab 2 oeab 2 leba 2 ceba 2 oeba to seven other channels 2 a 1 c d c d c d 56 54 55 1 3 2 5 29 31 30 28 26 27 15 52 42 the idt logo is a registered trademark of integrated device technology, inc. ? 2002 integrated device technology, inc. dsc-5445/5 features: ? 0.5 micron cmos technology ? high-speed, low-power cmos replacement for abt functions ? typical t sk(o) (output skew) < 250ps ? low input and output leakage 1a (max.) ?v cc = 5v 10% ? balanced output drivers: 24ma ? reduced system switching noise ? typical volp (output ground bounce) < 0.6v at v cc = 5v, t a = 25c ? available in ssop and tssop packages functional block diagram
2 industrial temperature range idt74fct162543at/ct fast cmos 16-bit latched transceiver ssop/ tssop top view pin configuration 1 b 1 1 b 2 gnd 1 b 3 1 b 4 v cc 1 b 5 1 b 6 1 oeba 1 b 7 1 b 8 2 b 1 2 b 2 gnd 2 b 3 2 b 4 v cc 2 b 5 gnd 2 b 7 2 b 6 2 b 8 gnd 2 oeba gnd 1 a 1 1 a 2 v cc 1 a 3 1 a 4 gnd 1 a 5 1 a 6 1 a 7 1 a 8 gnd 2 a 1 2 a 2 v cc 2 a 3 2 a 5 2 a 4 2 a 7 gnd 2 a 8 2 a 6 2 oeab 2 leab 2 ceab 1 ceab 1 leab 1 oeab 1 leba 1 ceba 2 leba 2 ceba 47 37 38 39 40 41 42 43 44 45 46 33 34 35 36 56 55 49 50 51 52 53 54 48 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 11 21 22 23 24 29 30 31 32 25 26 27 28 pin names description x oeab a-to-b output enable input (active low) x oeba b-to-a output enable input (active low) x ceab a-to-b enable input (active low) x ceba b-to-a enable input (active low) x leab a-to-b latch enable input (active low) x leba b-to-a latch enable input (active low) x a x a-to-b data inputs or b-to-a 3-state outputs x b x b-to-a data inputs or a-to-b 3-state outputs pin description symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to 7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) (1) (1) (1) (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. all device terminals except fct162xxx output and i/o terminals. 3. output and i/o terminals for fct162xxx. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 3.5 6 pf c out output capacitance v out = 0v 3.5 8 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested. latch output inputs status buffers x ceab x leab x oeab xax to xbx xbx h x x storing z x h x storing x l l l transparent current a inputs l h l storing p revious* a inputs l l h transparent z l h h storing z function table (1, 2) for a-to-b (symmetric with b-to-a) notes: 1. * before x leab low-to-high transition h = high voltage level l = low voltage level x = don?t care z = high-impedence 2. a-to-b data flow shown; b-to-a flow control is the same, except using x ceba , x leba and x oeba .
3 idt74fct162543at/ct fast cmos 16-bit latched transceiver industrial temperature range symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (input pins) (5) v cc = max. v i = v cc ?? 1a input high current (i/o pins) (5) ?? 1 i il input low current (input pins) (5) v i = gnd ? ? 1 input low current (i/o pins) (5) ?? 1 i ozh high impedance output current v cc = max. v o = 2.7v ? ? 1a i ozl (3-state output pins) (5) v o = 0.5v ? ? 1 v ik clamp diode voltage v cc = min., i in = ?18ma ? ?0.7 ?1.2 v i os short circuit current v cc = max., v o = gnd (3) ?80 ?140 ?250 ma v h input hysteresis ? ? 100 ? mv i ccl quiescent power supply current v cc = max. ? 5 500 a i cch v in = gnd or v cc i ccz dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 10% output drive characteristics notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be shorted at one time. duration of the test should not exceed one second. 4. duration of the condition can not exceed one second. 5. the test limit for this parameter is 5a at t a = ?55c. symbol parameter test conditions (1) min. typ. (2) max. unit i odl output low current v cc = 5v, v in = v ih or v il, v o = 1.5v (3) 60 115 200 ma i odh output high current v cc = 5v, v in = v ih or v il, v o = 1.5v (3) ?60 ?115 ?200 ma v oh output high voltage v cc = min. i oh = ?24ma 2.4 3.3 ? v v in = v ih or v il v ol output low voltage v cc = min. i oh = 24ma ? 0.3 0.55 v v in = v ih or v il
4 industrial temperature range idt74fct162543at/ct fast cmos 16-bit latched transceiver symbol parameter test conditions (1) min. typ. (2) max. unit ? i cc quiescent power supply current v cc = max. ? 0.5 1.5 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply v cc = max. v in = v cc ? 60 100 a/ current (4) outputs open v in = gnd mhz x ceab and x oeab = gnd x ceba = v cc one input togging 50% duty cycle i c total power supply current (6) v cc = max. v in = v cc ? 0.6 1.5 ma outputs open v in = gnd f i = 10mhz 50% duty cycle x leab , x ceab and x oeab = gnd v in = 3.4v ? 0.9 2.3 x ceba = v cc v in = gnd one bit toggling v cc = max. v in = v cc ? 2.4 4.5 (5) outputs open v in = gnd f i = 2.5mhz 50% duty cycle x leab , xceba and x oeab = gnd v in = 3.4v ? 6.4 16.5 (5) x ceba = v cc v in = gnd sixteen bit toggling power supply characteristics notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of the i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + ? i cc d h n t + i ccd (f cp n cp /2 + fini) i cc = quiescent current (i ccl , i cch and i ccz ) ? i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) n cp = number of clock inputs at f cp fi = input frequency ni = number of inputs at fi
5 idt74fct162543at/ct fast cmos 16-bit latched transceiver industrial temperature range switching characteristics over operating range 74fct162543at 74fct162543ct symbol parameter condition (1) min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 6.5 1.5 3.5 ns t phl transparent mode r l = 500 ? xax to xbx or xbx to xax t plh propagation delay 1.5 8 1.5 4.1 ns t phl x leba to xax, x leab to xbx t pzh output enable time 1.5 9 1.5 4.8 ns t pzl x oeba or x oeab to xax or xbx x ceba or x ceab to xax or xbx t phz output disable time 1.5 7.5 1.5 4 ns t plz x oeba or x oeab to xax or xbx x ceba or x ceab to xax or xbx t su set-up time high or low 2 ? 1 ? ns xax or xbx to x leab or x leba t h hold time high or low 2 ? 1 ? ns xax or xbx to x leab or x leba t w x leba or x leab pulse width low 4 ? 3 (4) ?ns t sk(o) output skew (3) ? 0.5 ? 0.5 ns notes: 1. see test circuits and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 3. skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. 4. this parameter is guaranteed but not tested.
6 industrial temperature range idt74fct162543at/ct fast cmos 16-bit latched transceiver pulse generator r t d.u.t. v cc v in c l v out 50pf 500 ? 500 ? 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h preset clear clock enable etc. high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns.
7 idt74fct162543at/ct fast cmos 16-bit latched transceiver industrial temperature range ordering information idt xx temp. range xxxx device type xx package pv pvg pa pag shrink small outline package ssop - green thin shrink small outline package tssop - green 16-bit latched transceiver 74 ? 40 c to +85 c 162 double-density, 5 volt, balanced drive fct xxx family 543at 543ct corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com 3/28/2002 removed standard speed grade 5/21/2002 removed tvsop package 6/20/2002 updated as per pdns logic-00-07 and logic-01-04 data sheet document history


▲Up To Search▲   

 
Price & Availability of IDT74FCT162543CTPAG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X